PART |
Description |
Maker |
BLM21A102SPT BLM11A601SPB BLM31A700SPT BLM41A800SP |
END EMI CHIP BLM21A102SPT 0805 TEMPLATE 1 FUNCTIONS, 0.2 A, FERRITE CHIP FLTR,EMI,,,,200MA,,,,,SM,0603 1 FUNCTIONS, 0.2 A, FERRITE CHIP COIL, BEAD FERRITE 070 OHMS @ 100MHZ B SM, 1206 1 FUNCTIONS, 0.2 A, FERRITE CHIP FERRITE BEAD,CHIP,TYPE 1806, 500 MA 1 FUNCTIONS, 0.5 A, FERRITE CHIP 1 FUNCTIONS, 0.05 A, FERRITE CHIP
|
Murata Manufacturing Co., Ltd. MURATA MANUFACTURING CO LTD
|
SBSMP1000334MXB SBSMP1000224MXB SBSMP1000334MXT SB |
1 FUNCTIONS, 100 V, 10 A, DATA LINE FILTER 1 FUNCTIONS, 200 V, 20 A, FEED THROUGH CAPACITOR
|
SYFER TECHNOLOGY LTD
|
BMB0805A-110 BMB0603A-121 BMB0603A-600 BMB0603A-80 |
1 FUNCTIONS, 0.3 A, FERRITE CHIP 1 FUNCTIONS, 0.2 A, FERRITE CHIP 1 FUNCTIONS, 0.6 A, FERRITE CHIP Surface Mount Multilayer Chip Beads, 0402 - 1812 Industry Sizes
|
BI TECHNOLOGIES CORP BITECH[Bi technologies] http://
|
FAR-F6CE-1G9600-L2XB FAR-F6CE-1G9600-L2XB-U FAR-F6 |
1 FUNCTIONS, 2441.8 MHz, SAW FILTER Piezoelectric SAW BPF (1000 to 2500 MHz) 1 FUNCTIONS, 2484 MHz, SAW FILTER Piezoelectric SAW BPF (1000 to 2500 MHz) 1 FUNCTIONS, 1960 MHz, SAW FILTER 1 FUNCTIONS, 2140 MHz, SAW FILTER SWITCH SW DIP 5 5POS Aluminum Snap-In Capacitor; Capacitance: 3300uF; Voltage: 50V; Case Size: 22x35 mm; Packaging: Bulk Octal D-Type Positive Edge Triggered Flip-Flops with 3-State Outputs 20-SOIC 0 to 70
|
FUJITSU LTD Fujitsu, Ltd. Mini-Circuits Fujitsu Limited http:// Fujitsu Component Limited.
|
APM4305KC-TRG |
11000 mA, 30 V, P-CHANNEL, Si, SMALL SIGNAL, MOSFET, MS-012AA GREEN, SOP-8
|
Anpec Electronics, Corp.
|
MCB0402GT121M MCB0402GT121J MCB0402GT121K MCB0402G |
1 FUNCTIONS, 0.2 A, FERRITE CHIP EIA STD PACKAGE SIZE 0402 1 FUNCTIONS, 0.4 A, FERRITE CHIP 1 FUNCTIONS, 0.6 A, FERRITE CHIP
|
KOA, Corp. KOA SPEER ELECTRONICS INC
|
LT1190 LT1190C LT1190CJ8 LT1190CN8 LT1190CS8 LT119 |
Ultra High Speed Operational Amplifier OP-AMP, 11000 uV OFFSET-MAX, 50 MHz BAND WIDTH, CDIP8 From old datasheet system
|
Linear Technology, Corp. LINER[Linear Technology] http://
|
FAR-F5CE-906M00-K215 FAR-F5CE-881M50-K235 FAR-F5CE |
1 FUNCTIONS, 906 MHz, SAW FILTER 1 FUNCTIONS, 881.5 MHz, SAW FILTER 1 FUNCTIONS, 947.5 MHz, SAW FILTER
|
|
XP1006-BD-000V |
8500 MHz - 11000 MHz RF/MICROWAVE WIDE BAND HIGH POWER AMPLIFIER
|
MIMIX BROADBAND INC
|
500X07NW101MV4T 500X07NW152MV4T 500X07NW222MV4T 50 |
1 FUNCTIONS, 50 V, DATA LINE FILTER ROHS COMPLIANT, EIA STD PACKAGE SIZE 0402, 3 PIN 1 FUNCTIONS, 100 V, DATA LINE FILTER
|
Vicor, Corp.
|
|